Part Number Hot Search : 
BCY58A P87LPC 161VSN12 CA3242E 16LT1 M91415CK ZM85C8V2 LT1017CS
Product Description
Full Text Search
 

To Download TC9200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC9200 Series Indoor Camera Mounts
n n n n n n
Sturdy Construction Attractive Appearance Versatile Design Adjustable Wide Selection of Styles Lightweight
The TC9200 Series Indoor Camera Mounts can be used with CCD cameras with fixed lenses.These sturdy, attractive mounts have fully adjustable mount heads and standard 1/4-20 camera mounting bolts. Maximum load capability ranges from 2 kg (4.4 lb) to 10 kg (22 lb).These versatile models can be used as pedestal, wall, or ceiling mounts and are well suited for use with CCD cameras. Model TC9200 is an economical 200 mm (8 in) general purpose mount for loads of up to 4 kg (8.8 lb). It has an aluminum finish and an adjustable sleeve ball mounting clamp for camera position adjustments. A deluxe general purpose mount, the 200 mm (8 in) TC9201 can handle loads of up to 9 kg (20 lb) and has a glossy black finish. It features a lever type ball mounting clamp for quick and easy adjustments of camera position. The TC9202 model is an extendible wall mount with a range of length from 244 mm to 414 mm (9.6 in to 16.3 in). It can accommodate loads of
up to 10 kg (22 lb) in both the short and the fully extended configurations and features a quick release screw head for ease of camera positioning. The right angle curve in the support arm of the TC9203 model mount can accommodate many difficult mounting requirements. A universal wall/ceiling mount, this model has a length of 230 mm (9.1 in) and can handle cameras of up to 10 kg (22 lb). Model TC9205 is an economical 127 mm (5 in) general purpose mount which can handle loads of up to 2 kg (4.4 lb).This mount features an aluminum finish and an adjustable sleeve ball mounting clamp.The two mounting holes in the base flange allow for direct mounting to a standard electrical box (3 1/4 inch centers) and an opening in its hollow shaft permits a direct cable feed to the mounting head from the base to the camera. The TC9206U indoor mount is configured for mounting 2/3 inch and smaller cameras in indoor applications. It accommodate loads of up to 4.5 kg
(10 lb) and is constructed of aluminum and steel, providing extremely rigid camera mounting. The TC9206U, a 150 mm (6 in) unit, is designed to be used in either a suspended ceiling or solid wall/ceiling mounting location. Supplied with two mounting bases, it can be easily adapted to either configuration. An economical general purpose mount, the TC9207 model accommodates loads of up to 4 kg (8.8 lb). It utilizes a sleeve ball mounting clamp and comes in an aluminum finish with an off-white base flange. The LDH 6372/00 indoor mount is an economical wall mount with a minimum length of 63 mm and a maximum length of 191 mm (2.5 in to 7.5 in). Featuring threaded extensions, this unit can be configured to three different lengths and is easily installed with the included mounting hardware. While designed originally for use with the LDH series of CCD cameras, this unit can also be used with many model CCD cameras.
317
SPECIFICATIONS
TC9200 General Purpose Mount
Maximum Load: 4 kg (8.8 lb). Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Finish: Aluminum. Weight: 230 g (0.44 lb).
4 H o le s , 6 .5 0 .2 6 mm in
TC9203 Universal Wall/Ceiling Mount
Maximum Load: 10 kg (22 lb). Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Finish: Aluminum and black. Weight: 460 g (1.0 lb).
4 0 .0 1 .5 7 5 5 .0 2 .1 7 5 8 .0 2 .2 8
1 /4 -2 0 T H D
3 H o le s ,
6 7 .0 2 .6 4
1 0 5 .0 4 .1 3
7 .0 0 .2 8
2 4 4 .0 7 .4 4 1 8 9 .0 7 .4 4
2 0 .0 0 .7 9
5 8 .0 2 .2 8
8 0 .0 3 .1 5
2 0 0 .0 7 .8 7
S9604027AE
6 .0 0 .2 4
mm in
2 2 0 .0 8 .6 6
S9604030AE
TC9201 Deluxe General Purpose Mount
Maximum Load: 9 kg (20 lb). Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Finish: Gloss black. Weight: 230 g (0.44 lb).
3 H o le s , 7 .0 0 .2 8
TC9205
Maximum Load: 2 kg (4.4 lb). Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Finish: Aluminum. Weight: 240 g (5.3 lb).
D ia . 1 /4 -2 0
5 8 .0 2 .2 8
8 0 .0 3 .1 5 2 0 0 .0 7 .8 7
3 6 .0 1 .4 2 5 .5 0 .2 2
S9604028AE
mm in
1 3 0 .0 5 .1 2 3 6 .0 1 .4 2 2 6 .0 1 .0 2
TC9202 Extendible Wall Mount
Maximum Load: 10 kg (22 lb). Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Finish: Aluminum and black. Weight: 510 g (1.1 lb).
3 H o le s , 7 .0 0 .2 8 5 5 .0 2 .1 7
1 2 0 .0 4 .7 2
D ia .
mm in
S9604031AE
2 H o le s ,
7 .0 0 .2 8
58 2 .2 8
80 3 .1 5 2 4 4 .0 to 4 1 4 .0 9 .6 1 to 1 6 .3 0
5 8 .0 2 .2 8
mm in
2 9 9 .0 to 4 6 9 .0 1 1 .7 7 to 1 8 .4 6
S9604029AE
9 .0 0 .3 5
318
TC9206U 15-cm (6 in) Solid Wall/Ceiling Mount
Maximum Load: 4.5 (10 lb). Mounting Head: Adjustable. 360 pan, 180 tilt. Finish: Off-white semigloss acrylic. Weight: With Wall/Ceiling Flange: 291 g (0.64 lb). With T-Bar Clip: 245 g (0.54 lb).
6 .4 0 .2 5
Wall/Ceiling Mount Flange
Included with TC9206U Solid Wall/Ceiling Mount.
6 .4 D ia . ( T y p .) 0 .2 5 5 0 .8 2 .0 0
1 2 0 (T y p .)
4 1 .2 8 1 .6 2 5
mm in
S9501009AE
152 6
TC9207
Maximum Load: 4 kg (8.8 lb). Finish: Aluminum with off-white flange. Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Weight: 180 g (4 lb).
36 D ia . 1 .4 2
9 .5 0 .3 8 mm in 4 .0 0 .1 6
S9501007AE
1 /4 -2 0
4 .5 0 .1 8
T -Bar Ceiling Clip
Included with TC9206 Suspended Ceiling Mount and TC9206U Solid Wall/Ceiling Mount.
4 4 .4 1 .7 5
175 6 .8 9
2 5 .4 1 .0 0
1 0 0 .0 3 .9 4
D ia .
mm in
S9501008AE
8 5 .0 3 .3 5 3 H o le s 6 .5 0 0 .2 5 6 mm in
S9604032AE
319
LDH 6372/00
Maximum Load: 3 kg (6.6 lb). Finish: Off-white/grey semigloss polyurethane. Mounting Head: Adjustable. 360 pan, 90 tilt. Mounting Bolt: Standard 1/4-20. Mounting Hardware: Screws and plastic wall anchors. Weight: With Extension: 0.43 kg (0.95 lb). Without Extension: 0.49 kg (1.07 lb).
T h r e a d e d E x te n s io n In c lu d e d W ith U n it S h o w n B e lo w
3
x
4 .3 0 .1 7
58 2 .3 1 /4 -2 0 M o u n tin g B o lt L o c k in g S e t S c re w (2 )
E x te n s io n
88 3 .5
6 .0 0 .2 3
mm in
30 1 .2
58 2 .3 136 5 .4
28 1 .1
S9605025AE
9498 961 14911 98-27
(c) 1998 Philips Electronics N.V. (c) 1998 Philips Communication & Security Systems Inc. All Rights Reserved. Philips (R) is a registered trademark of Philips Electronics N.V. Data subject to change without notice
320


▲Up To Search▲   

 
Price & Availability of TC9200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X